Part Number Hot Search : 
ILC7081 HSM580G AX671 A21CSP 104SH STP60N S3067 SAA7129
Product Description
Full Text Search
 

To Download DFR1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  suface mount fast recovery rectifier reverse voltage - 50 to 1000 volts forward current - 1.0ampere case : jedec sod-123fl molded plastic body over passivated chip terminals : plated axial leads, solderable per mil-std-750, method 2026 polarity : color band denotes cathode end mounting position : any weight :0.0007 ounce, 0.02 grams glass passivated device ideal for surface mouted applications features mechanical data maximum ratings and electrical characteristics metallurgically bonded construction high temperature soldering guaranteed: 250 c/10 seconds,0.375 ? (9.5mm) lead length, 5 lbs. (2.3kg) tension low reverse leakage ratings at 25 c ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductive load,for capacitive load current derate by 20%. dfr1a thru dfr1m note: 3.measured at 1mhz and applied reverse voltage of 4.0v d.c. 1.averaged over any 20ms period. 2.measured with if=0.5a, ir=1a, irr=0.25a. units volts volts volts amp amps volts a m pf c ns symbols 1000 700 1000 v rrm v rms v dc i (av) i fsm v f 1.0 25.0 1.3 maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current at t a =65 c (note 1) peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 1.0a maximum dc reverse current t a =25 c at rated dc blocking voltage t a =125 c i r 5.0 50.0 f1m t l =25 c maximum reverse recovery time (note 2) typical junction capacitance (note 3) c j operating junction and storage temperature range t j , t stg 15 -50 to +150 500 trr dfr1m 100 70 100 400 280 400 200 140 200 600 420 600 f1b f1d f1g f1j 800 560 800 f1k 50 35 50 f1a dfr1a dfr1b dfr1d DFR1G dfr1j dfr1k 150 250 sod-123fl 1.0  0.2 2.8  0.1 1. 8 0.1 cathode band top view 3.7  0.2 0.6  0.25 1. 3 0.15 0.10-0.30 dimensions in millimeters mdd electronic mdd catalog number
mdd electronic ratings and characteristic curves dfr1a thru dfr1m


▲Up To Search▲   

 
Price & Availability of DFR1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X